Part Number Hot Search : 
PBL3771N LM78XX 26001 MDW1011 RE024 25616 D13007K 43101
Product Description
Full Text Search
 

To Download B10A60VIC07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 7. 12 1/2 semiconductor technical data revision no : 1 switching type power supply application. converter & chopper application. features average output rectified current : i o =10a (tc=114 ). repetitive peak reverse voltage : v rrm =60v. fast reverse recovery time : t rr =35ns. low peak forward voltage : 0.52v(typ.) maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. anode 2. cathode 3. anode electrical characteristics (ta=25 ) b10a60vic schottky barrier type diode (low vf type) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - 0.52 0.58 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.0 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 60 v average output rectified current (tc=114 ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2007. 7. 12 2/2 b10a60vic revision no : 1 f(av) average forward current i (a) average forward current i (a) f(av) ambient temperature t ( c) a case temperature tc ( c) p (w) f(av) average forward current i (a) f(av) f(av) f(av) p - i average forward power dissipation reverse current i (ma) r reverse voltage v (v) r i - v i - v f forward voltage v (v) f forward current i (a) ff i - t fc i - t fc rr 0 0 0 100 110 120 130 140 150 4.0 8.0 12 16 rated voltage r =4.0 c/w jc dc 180 square wave applied 40 80 120 160 4 8 12 16 rated voltage applied ja ja r =16 c/w r =60 c/w (no heat sink) dc dc 180 square wave 0 0 0.001 0 0.2 0.5 0.4 0.6 0.8 1.0 1.2 1.0 3.0 5.0 10 30 50 t =125 c j j t =75 c j t =25 c 20 40 50 10 30 60 0.01 0.1 1.0 10 100 2.0 4.0 6.0 8.0 2.0 4.0 10 12 sine wave 180 square wave dc 6.0 8.0 10 12 t j =25 c t j =100 c t j =150 c


▲Up To Search▲   

 
Price & Availability of B10A60VIC07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X